Part Number Hot Search : 
29LV04 405YC LM830 DS1012H1 307C1411 TDA4780 SG1000 AD7877
Product Description
Full Text Search
 

To Download 2SD1062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220 package *Low collector saturation voltage *Complement to type 2SB826 *Wide area of safe operation APPLICATIONS *Relay drivers, *High-speed inverters, *Converters *General high-current switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SD1062
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 60 50 6 12 15 40 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=1mA ;RBE=< IC=1mA ;IE=0 IE=1mA ;IC=0 IC=6A, IB=0.3A VCB=40V;IE=0 VEB=4V; IC=0 IC=1A ; VCE=2V IC=5A ; VCE=2V IC=1A ; VCE=5V 70 30 MIN 50 60 6 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE-1 hFE-2 fT
2SD1062
TYP.
MAX
UNIT V V V
0.4 0.1 0.1 280
V mA mA
10
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=5.0A IB1=- IB2=0.5A 0.10 0.05 1.20 s s s
hFE-1 classifications Q 70-140 R 100-200 S 140-280
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1062
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1062
4


▲Up To Search▲   

 
Price & Availability of 2SD1062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X